Part Number Hot Search : 
MC145159 2045CT BUZ110S SK901 R4045 P3NC60FP FFPF60 C34063
Product Description
Full Text Search
 

To Download 74LVC1G57W6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE
Description
The 74LVC1G57 is a single 3-input positive configurable multiple function gate with a standard totem pole output. The output state is determined by eight patterns of 3-bit input. The user can chose the logic functions AND, OR, NAND, NOR, XNOR, inverter or non-inverting buffer. All inputs can be connected to ground or Vcc as required. The device is
Pin Assignments
(Top View) In1 1 6 In2 5 Vcc 4Y
GND 2 IN0 3
NEW PRODUCT
designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down. The
SOT26 / SOT363
user is reminded that the device can simulate several types of logic gates but may respond differently due to the Schmitt action at the inputs.
Features
* * * * * * Wide Supply Voltage Range from 1.65V to 5.5V 24mA Output Drive at 3.3V CMOS low power consumption IOFF Supports Partial-Power-Down Mode Operation Inputs accept up to 5.5V ESD Protection Exceeds JESD 22 o o * * * * 200-V Machine Model (A115-A) 2000-V Human Body Model (A114-A)
Applications
* * * * Voltage Level Shifting General Purpose Logic Power Down Signal Isolation Wide array of products such as: o o o o o PCs, networking, notebooks, netbooks, PDAs Computer peripherals, hard drives, CD/DVD ROM TV, DVD, DVR, set top box Cell Phones, Personal Navigation / GPS MP3 players ,Cameras, Video Recorders
Latch-Up Exceeds 100mA per JESD 78, Class II Range of Package Options SOT26, SOT363, and DFN1010: Available in "Green" Molding Compound (no Br, Sb) Lead Free Finish/ RoHS Compliant (Note 1)
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
74LVC1G57
Document number: DS35125 Rev. 1 - 2
1 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Pin Descriptions
Pin Name In1 GND In0 Y Vcc In2 Data Input Ground Data Input Data Output Supply Voltage Data Input Description
NEW PRODUCT
Logic Diagram
Function Table
Inputs In2 L L L L H H H H In1 L L H H L L H H In0 L H L H L H L H Output Y H L H L L L H H
74LVC1G57
Document number: DS35125 Rev. 1 - 2
2 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Logic Configurations
NEW PRODUCT
Function Selection Table Logic Function 2-input AND 2-input AND with both inputs inverted 2-input NAND with inverted input 2-input OR with inverted input 2-input NOR 2-input NOR with both inputs inverted 2-input XNOR 1-input INVERTER Configuration 1 4 2,3 2,3 4 1 5 6
74LVC1G57
Document number: DS35125 Rev. 1 - 2
3 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Absolute Maximum Ratings (Note 2)
Symbol ESD HBM ESD MM VCC VI Vo Description Human Body Model ESD Protection Machine Model ESD Protection Supply Voltage Range Input Voltage Range Voltage applied to output in high impedance or IOFF state Voltage applied to output in high or low state Input Clamp Current VI<0 Output Clamp Current Continuous output current Continuous current through Vdd or GND TJ TSTG
Notes:
Rating 2 200 -0.5 to 6.5 -0.5 to 6.5 -0.5 to 6.5 -0.3 to VCC +0.5 -50 -50 50 100 -40 to 150 -65 to 150
Unit KV V V V V V mA mA mA mA C C
NEW PRODUCT
Vo IIK IOK IO
Operating Junction Temperature Storage Temperature
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values.
Recommended Operating Conditions (Note 3)
Symbol VCC VI VO Operating Voltage Input Voltage Output Voltage VCC = 1.65 V VCC = 2.3 V IOH High-level output current VCC = 3 V VCC = 4.5 V VCC = 1.65 V VCC = 2.3 V IOL Low-level output current VCC = 3 V VCC = 4.5 V VCC = 1.8 V 0.15V, 2.5 V 0.2 V t/V Input transition rise or fall rate Operating free-air temperature VCC = 3.3 V 0.3 V VCC = 5 V 0.5 V TA
Notes:
Parameter Operating Data retention only
Min 1.65 1.5 0 0
Max 5.5
Unit V V
5.5 VCC -4 -8 -16 -24 -32 4 8 16 24 32 20 10 5
V V
mA
mA
ns/V
-40
125
C
3. Unused inputs should be held at VCC or Ground.
74LVC1G57
Document number: DS35125 Rev. 1 - 2
4 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Electrical Characteristics
Symbol Parameter
TA=-40 C to 85 C
Test Conditions
(All typical values are at Vcc = 3.3V, TA = 25C)
Vcc 1.65 V 2.3V Min 0.70 1.11 1.50 2.16 2.61 0.30 0.58 0.80 1.21 1.45 0.30 0.40 0.35 0.55 0.60 VCC - 0.1 1.2 1.9 2.4 2.3 3.8 0.1 0.45 0.3 0.4 0.55 0.55 5 10 10 A A A A V V Typ. Max 1.20 1.60 2.00 2.74 3.33 0.72 1.00 1.30 1.95 2.35 0.62 0.80 1.00 1.10 1.20 Unit
VT+
Positive-going input threshold voltage
3V 4.5 V 5.5 V
NEW PRODUCT
1.65 V 2.3V VTNegative-going input threshold voltage 3V 4.5 V 5.5 V 1.65 V 2.3V VT Hysteresis (VT+ - VT-) 3V 4.5 V 5.5 V IOH = -100A IOH = -4mA VOH High Level Output Voltage IOH = -8mA IOH = -16mA IOH = -24mA IOH = -32mA IOL = 100A IOL = 4mA VOL High-level Input Voltage IOL = 8mA IOL = 16mA IOL = 24mA IOL = 32mA II IOFF ICC ICC Input Current Power Down Leakage Current Supply Current VI = 5.5 V or GND VI or VO = 5.5V VI = 5.5V of GND IO=0 One input at VCC -0.6 V Other inputs at VCC or GND 1.65 V to 5.5V 1.65 V 2.3V 3V 4.5 V 1.65 V to 5.5V 1.65 V 2.3V 3V 4.5 0 to 5.5 V 0 1.65 V to 5.5V
Additional Supply Current
3 V to 5.5V
500
74LVC1G57
Document number: DS35125 Rev. 1 - 2
5 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Electrical Characteristics
Symbol Parameter
TA=-40 C to 125 C
Test Conditions
(All typical values are at Vcc = 3.3V, TA = 25C)
Vcc 1.65 V 2.3V Min 0.70 1.11 1.50 2.16 2.61 0.30 0.58 0.80 1.21 1.45 0.30 0.37 0.32 0.50 0.55 VCC - 0.1 0.95 1.7 1.9 2.0 3.4 0.1 0.7 0.45 0.6 0.8 0.8 100 200 200 A A A A V V Typ. Max 1.20 1.60 2.00 2.74 3.33 0.75 1.03 1.33 1.95 2.35 0.62 0.80 1.00 1.20 1.40 Unit
VT+
Positive-going input threshold voltage
3V 4.5 V 5.5 V
NEW PRODUCT
1.65 V 2.3V VTNegative-going input threshold voltage 3V 4.5 V 5.5 V 1.65 V 2.3V VT Hysteresis (VT+ - VT-) 3V 4.5 V 5.5 V IOH = -100A IOH = -4mA VOH High Level Output Voltage IOH = -8mA IOH = -16mA IOH = -24mA IOH = -32mA IOL = 100A IOL = 4mA VOL High-level Input Voltage IOL = 8mA IOL = 16mA IOL = 24mA IOL = 32mA II IOFF ICC ICC Input Current Power Down Leakage Current Supply Current VI = 5.5 V or GND VI or VO = 5.5V VI = 5.5V of GND IO=0 One input at VCC -0.6 V Other inputs at VCC or GND 1.65 V to 5.5V 1.65 V 2.3V 3V 4.5 V 1.65 V to 5.5V 1.65 V 2.3V 3V 4.5 0 to 5.5 V 0 1.65 V to 5.5V
Additional Supply Current
3 V to 5.5V
5000
74LVC1G57
Document number: DS35125 Rev. 1 - 2
6 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25C)
Symbol Ci JA Parameter Input Capacitance Thermal Resistance Junction-to-Ambient Test Conditions Vi = VCC - or GND SOT26 SOT363 DFN1010 SOT26 JC Thermal Resistance Junction-to-Case Vcc 3.3 (Note 4) (Note 4) (Note 4) (Note 4) (Note 4) (Note 4) Min Typ. 3.5 166 333 231 46 102 TBD
o o
Max
Unit pF
C/W
NEW PRODUCT
SOT363 DFN1010
C/W
Notes: 4. Test condition for SOT26, SOT363 and DFN1010 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
TA=-40 C to 85 C, CL = 30 or 50pF as noted (see Figure 1)
Parameter tpd From (Input) Any TO (OUTPUT) Y Vcc = 1.8 V 0.15V Min Max 1.0 14.4 Vcc = 2.5 V 0.2V Min Max 0.7 8.3 Vcc = 3.3 V 0.3V Min Max 0.7 6.3 Vcc = 5 V 0.5V Min Max 0.7 5.1 Unit ns
TA=-40 C to 125 C, CL = 30 or 50pF as noted (see Figure 1)
Parameter tpd From (Input) Any TO (OUTPUT) Y Vcc = 1.8 V 0.15V Min Max 1.0 18.0 Vcc = 2.5 V 0.2V Min Max 0.7 10.4 Vcc = 3.3 V 0.3V Min Max 0.7 7.9 Vcc = 5 V 0.5V Min Max 0.7 6.4 Unit ns
Operating Characteristics
TA = 25 C
Parameter Cpd Power dissipation capacitance Test Conditions f = 10 MHz Vcc = 1.8 V TYP 22 Vcc = 2.5 V TYP 22 Vcc = 3.3 V TYP 23 Vcc = 5 V TYP 24 Unit pF
74LVC1G57
Document number: DS35125 Rev. 1 - 2
7 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Parameter Measurement Information
NEW PRODUCT
Vcc 1.8V0.15V 2.5V0.2V 3.3V0.3V 5V0.5V VI VCC VCC 3V VCC
Inputs tr/tf 2ns 2ns 2.5ns 2.5ns
VM VCC/2 VCC/2 1.5V VCC/2
CL 30pF 30pF 50pF 50pF
RL 1K 500 500 500
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times Inverting and Non Inverting Outputs
Notes:
A. B. C. D.
Includes test lead and test apparatus capacitance. All pulses are supplied at pulse repetition rate 10 MHz Inputs are measured separately one transition per measurement tPLH and tPHL are the same as tPD
Figure 1. Load Circuit and Voltage Waveforms
74LVC1G57
Document number: DS35125 Rev. 1 - 2
8 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Ordering Information
NEW PRODUCT
Device 74LVC1G57W6-7 74LVC1G57DW-7 74LVC1G57FW4-7
Notes:
Package Code W6 DW FW4
Packaging (Note 7) SOT26 SOT363 DFN1010
7" Tape and Reel Quantity 3000/Tape & Reel 3000/Tape & Reel 5000/Tape & Reel Part Number Suffix -7 -7 -7
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SOT26, SOT363
Part Number 74LVC1G57W6 74LVC1G57DW
Package SOT26 SOT363
Identification Code TW TW
74LVC1G57
Document number: DS35125 Rev. 1 - 2
9 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Marking Information (Continued)
(2) DFN1010
NEW PRODUCT
Part Number 74LVC1G57FW4
Package DFN1010
Identification Code TW
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT26
74LVC1G57
Document number: DS35125 Rev. 1 - 2
10 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Package Outline Dimensions (All Dimensions in mm) (Continued)
(2) Package Type: SOT363
C L
0.10/0.30
C L
4x-0.65 1.15/1.35
C L C L
2.0/2.2
6x-0.42 6x-0.60
NEW PRODUCT
PIN 1
0.40/0.45
0.65Bsc.
Land Pattern Recommendation (unit:mm)
C L
1.10Max.
0.9/1.0
0.1/0.22
"A"
0/0.1
1.8/2.2
Detail"A"
Gauge Plane
(3) Package Type: DFN1010
0.13Typ.
0.05 C 6x0.08 C
0.40Max.
0/8
0.25/0.40
0.25
0/0.05
Side View
0.08 C
C
0.20(6x)
2X-
0.235 0.95/1.05 0.15Min. A 0.15
B
0.05/0.15
0.35Typ. Pin1 0.15Min.
Pin1 0.35Typ.
0.95/1.05
Land Pattern Recommendation (unit:mm)
Top View
2x-
0.08 C
0.35/0.45(6x)
0.07Typ.
0.14/0.20(6x)
0.07
CAB
Bottom View
74LVC1G57
Document number: DS35125 Rev. 1 - 2
11 of 13 www.diodes.com
0.45(6x)
Seating Plane
1.9
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE Taping Orientation (Note 8)
For DFN1010
NEW PRODUCT
Notes:
8. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf
74LVC1G57
Document number: DS35125 Rev. 1 - 2
12 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated
74LVC1G57
CONFIGURABLE MULTIPLE-FUNCTION GATE
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages.
NEW PRODUCT
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
74LVC1G57
Document number: DS35125 Rev. 1 - 2
13 of 13 www.diodes.com
January 2011
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of 74LVC1G57W6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X